Part Number Hot Search : 
31S100M ZTX327 NCP5359A 800892 ADM696 20060 GMF10701 AN921
Product Description
Full Text Search
 

To Download 2SB656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB656 description with to-3 package high power dissipation applications for use in power amplifier applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -160 v v ceo collector-emitter voltage open base -160 v v ebo emitter-base voltage open collector -5 v i c collector current -12 a i b base current -4 a p c collector power dissipation t c =25 125 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB656 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma ;i b =0 -160 v v (br)cbo collector-base breakdown voltage i c =-1ma ;i e =0 -160 v v (br)ebo emitter-base breakdown voltage i e =-1ma ;i c =0 -5 v v cesat collector-emitter saturation voltage i c =-10a; i b =-1a -3.0 v i cbo collector cut-off current v cb =-160v; i e =0 -0.1 ma i ebo emitter cut-off current v eb =-5v; i c =0 -0.1 ma h fe dc current gain i c =-1a ; v ce =-5v 60 200 f t transition frequency i c =-1a ; v ce =-10v 20 mhz  h fe classifications b c 60-120 100-200
savantic semiconductor product specification 3 silicon pnp power transistors 2SB656 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SB656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X